Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 364Page - Renesas Technology Corp 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp 7906 Datasheet HTML 370Page - Renesas Technology Corp 7906 Datasheet HTML 371Page - Renesas Technology Corp 7906 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-7
17.3 Address matching detection mode
17.3.2 Operations in address matching detection mode
➀ Setting the detect enable bit to “1” initiate to compare the contents of PG and PC with one of the con-
tents of the following registers. This comparison is performed at each op-code fetch:
• When the address matching detection 0 is selected, the contents of the address compare register 0
are used for the above comparison.
• When the address matching detection 1 is selected, the contents of the address compare register 1
are used for the above comparison.
• When the address matching detection 2 is selected, the contents of the address compare register 0
or 1 are used for the above comparison.
➁ When the address which matches with the above register’s contents is detected, an address matching
detection interrupt request occurs, and then, this request will be accepted.
➂ Perform the necessary processing with an address matching detection interrupt routine.
➃ The contents of PG, PC, and PS at acceptance of the address matching detection interrupt request are
saved onto the stack area. Therefore, be sure to rewrite the above contents of PG and PC to a certain
return address, and return to the address by using the RTI instruction.
When an address matching detection interrupt request has been accepted, the interrupt disable flag (I) is
set to “1”; the processor interrupt priority level (IPL) does not change.
Figures 17.3.2 and 17.3.3 show the examples of the ROM correct processing using the address matching
detection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com