Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp 7906 Datasheet HTML 370Page - Renesas Technology Corp 7906 Datasheet HTML 371Page - Renesas Technology Corp 7906 Datasheet HTML 372Page - Renesas Technology Corp 7906 Datasheet HTML 373Page - Renesas Technology Corp 7906 Datasheet HTML 374Page - Renesas Technology Corp 7906 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-10
17.4 Out-of-address-area detection mode
17.4 Out-of-address-area detection mode
When the contents of PG and PC go out of the range of the specified area, an address matching detection
interrupt request occurs.
17.4.1 Setting procedure for out-of-address-area detection mode
Figure 17.4.1 shows an initial setting example for registers relevant to the out-of-address-area detection
mode.
Fig. 17.4.1 Initial setting example for registers relevant to out-of-address-area detection mode
Notes 1: Be sure to set this bit to “1” immediately before reading from or
writing to the address compare registers 0, 1. Then, be sure to
clear this bit to “0” immediately after this reading or writing.
2: This processing is unnecessary when no maskable interrupt is
used.
Selection of detect condition
b7
b0
Debug control register 0 (Address 6616)
00
0
Detect enable bit
0 : Detection disabled.
Selection of out-of-address-area detection
Detection starts.
0
Processing for setting of address compare registers
b7
b0
Debug control register 1 (Address 6716)
11
Address compare register access enable bit
(Note 1)
1 : Enabled.
b23
b0
Address compare register 0
(Addresses 6A16 to 6816)
The start address of the programming
area is set here.
Setting of address compare registers
b7
b0
Debug control register 1 (Address 6716)
0
Address compare register access enable bit
(Note 1)
0 : Disabled.
Set the detect enable bit to “1.”
b7
b0
Debug control register 0 (Address 6616)
Detect enable bit
1 : Detection enabled.
1
0
Disables interrupts.
The interrupt disable flag (I) is set to “1.”
Clear the interrupt disable flag (I) to “0” (Note 2).
01
1
b23
b0
Address compare register 1
(Addresses 6D16 to 6B16)
The last address of the programming
area is set here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com