Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp 7906 Datasheet HTML 370Page - Renesas Technology Corp 7906 Datasheet HTML 371Page - Renesas Technology Corp 7906 Datasheet HTML 372Page - Renesas Technology Corp 7906 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-8
17.3 Address matching detection mode
Fig. 17.3.2 Example of ROM correct processing using address matching detection mode (1)
Address matching
detection interrupt routine
s Address matching detection 0 or 1 selected
Main routine
Defective
or
Former program
TOP_BUG
TOP_RTN
Modified
or
Updated program
The contents of PG and PC
saved onto the stack area
(address TOP_BUG) are
rewritten to address
TOP_RTN (Note 2).
RTI
TOP_BUG : The start address of defective or former program.
→This address is to be set in the address compare register 0 or 1, in advance.
TOP_RTN : The address next to the defective or former program.
Notes 1: When an address matching detection interrupt request has been accepted, the interrupt
disable flag (I) is set to “1.” If another interrupt requests is required to be accepted under
the same conditions as those of the defective or former program, be sure to clear the
interrupt disable flag (I) to “0” at the start of an address matching detection interrupt
routine.
2: Each status of PG, PC, and PS immediately before acceptance of an address matching
detection interrupt request is saved onto the stack area. (The contents of PG, PC, and
PS are saved onto the stack area in this order.) Refer to section “6.7 Sequence from
acceptance of interrupt request until execution of interrupt routine.”
3: Make sure that this instruction is executed in the absolute long addressing mode. The
above is just an example. In an actual programming, be sure to refer to the format of the
assembler description to be used.
The interrupt disable flag (I)
is cleared to “0” (Note 1)
STAB A, LG : 0h (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com