Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 333Page - Renesas Technology Corp 7906 Datasheet HTML 334Page - Renesas Technology Corp 7906 Datasheet HTML 335Page - Renesas Technology Corp 7906 Datasheet HTML 336Page - Renesas Technology Corp 7906 Datasheet HTML 337Page - Renesas Technology Corp 7906 Datasheet HTML 338Page - Renesas Technology Corp 7906 Datasheet HTML 339Page - Renesas Technology Corp 7906 Datasheet HTML 340Page - Renesas Technology Corp 7906 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 531 page
background image
WATCHDOG TIMER
7906 Group User’s Manual Rev.2.0
14-4
14.1 Block description
14.1.3 Particular function select register 2
When not using the watchdog timer, this register can be used to disable the watchdog timer. Figure 14.1.4
shows the structure of the particular function select register 2.
Fig. 14.1.4 Structure of particular function select register 2
In addition, even when the watchdog timer is disabled by this register, the watchdog timer can be active
only at the stop mode termination if the external clock input select bit (bit 1 at address 6216) = “0.” (Refer
to section “15.3 Stop mode.”)
Undefined
7 to 0
Bit
Function
At reset
R/W
Disables the watchdog timer.
When values of “7916” and “5016” succeedingly in this order, the watchdog timer will
stop its operation.
—
b0
b7
Particular function select register 2 (Address 6416)
Note: After reset, this register can be set only once. Writing to this register requires the following procedure:
• Write values of “7916” and “5016” to this register succeedingly in this order.
• For the above writing, be sure to use the MOVMB (MOVM when m = 1) instruction or the STAB (STA when m = 1).
Note that the following: if an interrupt occurs between writing of “7916” and next writing of “5016,” the watchdog timer does not
stop its operation.
If any of the following has been performed after reset, writing to this register is disabled from that time:
• If this register is read out.
• If writing to this register is performed by the procedure other than the above procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com