Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 332Page - Renesas Technology Corp 7906 Datasheet HTML 333Page - Renesas Technology Corp 7906 Datasheet HTML 334Page - Renesas Technology Corp 7906 Datasheet HTML 335Page - Renesas Technology Corp 7906 Datasheet HTML 336Page - Renesas Technology Corp 7906 Datasheet HTML 337Page - Renesas Technology Corp 7906 Datasheet HTML 338Page - Renesas Technology Corp 7906 Datasheet HTML 339Page - Renesas Technology Corp 7906 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 531 page
background image
WATCHDOG TIMER
7906 Group User’s Manual Rev.2.0
14-3
14.1.1 Watchdog timer
Figure 14.1.2 shows the structure of the watchdog timer register.
The watchdog timer is a 12-bit counter where the count source which is selected with the watchdog timer
frequency select bit (bit 0 at address 6116) is counted down. A value of “FFF16” is automatically set in the
watchdog timer if any of the following conditions is satisfied. An arbitrary value cannot be set to the
watchdog timer.
q When dummy data is written to the watchdog timer register. (See Figure 14.1.2.)
q When the most significant bit of watchdog timer becomes “0.”
q When the STP instruction is executed. (Refer to section “15.3 Stop mode.”)
q At reset
14.1 Block description
Fig. 14.1.2 Structure of watchdog timer register
Fig. 14.1.3 Structure of watchdog timer frequency select register
14.1.2 Watchdog timer frequency select register
Figure 14.1.3 shows the structure of the watchdog timer frequency select register.
Undefined
7 to 0
Initializes the watchdog timer.
When dummy data has been written to this register, the watchdog timer’s value is
initialized to “FFF16” (dummy data: 0016 to FF16).
—
b0
b7
Watchdog timer register (Address 6016)
Bit
Function
At reset
R/W
RW
—
RW
RW
Bit name
Bit
0
5 to 1
6
7
Watchdog timer frequency select register (Address 6116)
Function
At reset
R/W
Watchdog timer frequency
select bit
Nothing is assigned.
Watchdog timer clock source
select bits at STP termination
0
Undefined
0
0
b7 b6 b5 b4 b3 b2 b1 b0
0 : Wf512
1 : Wf32
0 0 : fX32
0 1 : fX16
1 0 : fX128
1 1 : fX64
b7 b6
(1) Watchdog timer frequency select bit (bit 0)
This bit is used to select a count source of the watchdog timer.
(2) Watchdog timer clock source select bits at STP termination (bits 7, 6)
These bits are used to select a count source at stop mode termination.
For details of the operation at stop mode termination, refer to section “15.3 Stop mode.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com