Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 312Page - Renesas Technology Corp 7906 Datasheet HTML 313Page - Renesas Technology Corp 7906 Datasheet HTML 314Page - Renesas Technology Corp 7906 Datasheet HTML 315Page - Renesas Technology Corp 7906 Datasheet HTML 316Page - Renesas Technology Corp 7906 Datasheet HTML 317Page - Renesas Technology Corp 7906 Datasheet HTML 318Page - Renesas Technology Corp 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-21
12.7 One-shot mode
12.7.2 One-shot mode operation
➀ The A-D converter starts its operation when the A-D conversion start bit is set to “1.”
➁ The A-D conversion is completed after 49 cycles of
φAD in the 8-bit resolution mode, or 59 cycles
of
φAD in the 10-bit resolution mode. Then, the contents of the successive approximation register
(conversion result) are transferred to the A-D register i.
When the comparator function is selected, the comparison is completed after 14 cycles of
φAD. Then,
the result of the comparison is stored into the ANi pin comparator result bit.
➂ At the same time as step ➁, the A-D conversion interrupt request bit is set to “1.”
➃ The A-D conversion start bit is cleared to “0,” and the A-D converter halts.
Figure 12.7.3 shows the operation in the one-shot mode.
Fig. 12.7.3 Operation in one-shot mode
Trigger generated
Convert input voltage at pin ANi.
A-D converter halts.
A-D conversion interrupt request occurs.
Conversion result
A-D register i
s 8-bit and 10-bit resolution modes
s Comparator function
Trigger generated
Compare input voltage at pin ANi.
A-D converter halts.
A-D conversion interrupt request occurs.
Comparison result
ANi pin comparator
result bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com