Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 309Page - Renesas Technology Corp 7906 Datasheet HTML 310Page - Renesas Technology Corp 7906 Datasheet HTML 311Page - Renesas Technology Corp 7906 Datasheet HTML 312Page - Renesas Technology Corp 7906 Datasheet HTML 313Page - Renesas Technology Corp 7906 Datasheet HTML 314Page - Renesas Technology Corp 7906 Datasheet HTML 315Page - Renesas Technology Corp 7906 Datasheet HTML 316Page - Renesas Technology Corp 7906 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-18
12.6 Comparator function
By setting the ANi pin comparator function select bit (See Figure 12.2.5.) to “1,” the comparator function can
be selected for each pin ANi.
For pin ANi where the comparator function is selected, the following comparison operation is performed.
➀ A 10-bit value (a set value), of which high-order 8 bits consist of the corresponding A-D register i
(at an even-numbered address)’s contents and of which low-order 2 bits = “102,” is D-A converted.
➁ The result of the D-A conversion (that is to say, comparison voltage Vref) is compared with an analog
voltage input from an analog input pin.
➂ The value to be stored into the ANi pin comparator result bit (see Figure 12.2.6.) depends on the
comparison result as follows:
When Vref > analog input voltage, “0” is stored.
When Vref < analog input voltage, “1” is stored.
12.6 Comparator function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com