Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Device Control
VCO
CAL
Sleep
ActiveMode
PowerON
Reset
PowerDown
Sync
Calibration
Hold
DelayFinished
CAL_Enabled
Sleep = ON
Sleep = OFF
CAL Done
PowerDown=ON
Sync=ON
Sync=OFF
Manual
Recalibration=ON
Device
OFF
Power
Applied
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Figure 22 provides a conceptual explanation of the CDCE62005 Device operation. Table 14 defines how the
device behaves in each of the operational states.
Figure 22. CDCE62005 Device State Control Diagram
Table 14. CDCE62005 Device State Definitions
Status
State
Device Behavior
Entered Via
Exited Via
Output
Output
SPI Port
PLL
Divider
Buffer
After device power supply reaches
Power applied to the device or upon
Power On Reset and EEPROM loading
OFF
Disabled
Disabled
OFF
approximately 2.35 V, the contents
exit from Power Down State via the
delays are finished OR the Power_Down
Power-On
of EEPROM are copied into the
Power_Down pin set HIGH.
pin is set LOW.
Reset
(1)
Device Registers, thereby initializing
the device hardware.
The device waits until either
Delay process in the Power-On Reset
The device waits until either
ON
Enabled
Disabled
OFF
ENCAL_MODE (Device Register 6
State is finished or Sleep Mode (Sleep
ENCAL_MODE (Device Register 6 bit 27)
bit 27) is low (Start up calibration
bit is in Register 8 bit 7) is turned OFF
is low (Start up calibration enabled) or
Calibration
enabled) or both ENCAL_MODE is
while in the Sleep State. Power Down
both ENCAL_MODE is high (Manual
Hold
high (Manual Calibration Enabled)
must be OFF to enter the Calibration
Calibration Enabled) AND ENCAL (Device
AND ENCAL (Device Register 6 bit
Hold State.
Register 6 bit 22) transitions from a low to
22) transitions from a low to a high
a high signaling the device
signaling the device.
The voltage controlled oscillator is
Calibration Hold: CAL Enabled
Calibration Process in completed
ON
Enabled
Disabled
OFF
calibrated based on the PLL settings
becomes true when either
and the incoming reference clock.
ENCAL_MODE (Device Register 6 bit
After the VCO has been calibrated,
27) is low or both ENCAL_MODE is
the device enters Active Mode
high AND ENCAL (Device Register 6
automatically.
bit 22) transitions from a low to a high.
VCO CAL
Active Mode: A Manual Recalibration
is requested. This is initiated by
setting ENCAL_MODE to HIGH
(Manual Calibration Enabled) AND
initiating a calibration sequence by
applying a LOW to HIGH transition on
ENCAL.
Normal Operation
CAL Done (VCO calibration process
Sync, Power Down, Sleep, or Manual
ON
Enabled
Disabled
Disabled
Active Mode
finished) or Sync = OFF (from Sync
Recalibration activated.
or
or
State).
Enabled
Enabled
(1)
To ensure proper operation, independently from power supply ramp up, Power_Down pin should be held LOW for 50
µs after power
supply is stable.
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com