Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments CDCE62005 Datasheet HTML 17Page - Texas Instruments CDCE62005 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
ELECTRICAL CHARACTERISTICS OPERATING CONDITIONS (Continued)
5 pF
LVCMOS
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS OUTPUT OR AUXILIARY OUTPUT
fclk
Output frequency, see Figure Below
Load = 5 pF to GND
0
250
MHz
High-level output voltage for LVCMOS
VOH
VCC = min to max
IOH = –100 µA
VCC –0.5
outputs
Low-level output voltage for LVCMOS
VOL
VCC = min to max
IOL =100 A
0.3
V
outputs
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V
VO = 1.65 V
33
mA
Reference (PRI_IN or SEC_IN) to Output
Outputs are set to 122.88 MHz, Reference
tpho
0.35
ns
Phase offset
at 30.72 MHz
tpd(LH)/
Propagation delay from PRI_IN or SEC_IN
Crosspoint to VCC/2, load In Bypass Mode
4
ns
to Outputs
tpd(HL)
All Outputs set at 200 MHz in bypass mode
tsk(o)
Skew, output to output For Y0 to Y4
75
ps
only, Reference = 200 MHz
CO
Output capacitance on Y0 to Y4
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOZH
VO = VCC
5
µA
3-State LVCMOS output current
IOZL
VO = 0 V
–5
µA
IOPDH
VO = VCC
25
µA
Power Down output current
IOPDL
VO = 0 V
5
µA
Duty cycle LVCMOS
45%
55%
tslew-rate
Output rise/fall slew rate
3.6
5.2
V/ns
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com