Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
360
(
) =
degrees
Stepsize deg
OutputDivideRatio
(3)
1
(
)
f
=
ClockIN
Stepsize sec
OutputDivideRatio
(4)
/1 - /80
DigitalPhase Adjust (7-bits)
Clock
IN
(fromSmartMUX )
ToOutputBuffer
ClockIN
OutputDivider (noadjust )
OutputDivider (phaseadjust )
StartDivider
360
(
)
11.25 /
32
=
=
°
Stepsize deg
Step
(5)
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Digital Phase Adjust
Figure 31 provides an overview of the Digital Phase Adjust feature. The output divider includes a coarse phase
adjust that shifts the divided clock signal that drives the output buffer. Essentially, the Digital Phase Adjust timer
delays when the output divider starts dividing; thereby shifting the phase of the output clock. The phase adjust
resolution is a function of the divide function. Coarse phase adjust parameters include:
• Number of Phase Delay Steps – the number of phase delay steps available is equal to the divide ratio
selected. For example, if a Divide by 4 is selected, then the Digital Phase Adjust can be programmed to
select when the output divider changes state based upon selecting one of the four counts on the input.
Figure 31 shows an example of divide by 16 in which there are 16 rising edges of Clock IN at which the
output divider changes state (this particular example shows the fourth edge shifting the output by one fourth
of the period of the output).
• Phase Delay Step Size – the step size is determined by the number of phase delay steps according to the
following equations:
Figure 31. CDCE62005 Phase Adjust
Phase Adjust example
Given:
Output Frequency: 30.72 MHz
VCO Operating Frequency: 1966.08 MHz
Prescaler Divider Setting: 2
Output Divider Setting: 32
The tables that follow provide a list of valid register settings for the digital phase adjust blocks.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com