Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments CDCE62005 Datasheet HTML 52Page - Texas Instruments CDCE62005 Datasheet HTML 53Page - Texas Instruments CDCE62005 Datasheet HTML 54Page - Texas Instruments CDCE62005 Datasheet HTML 55Page - Texas Instruments CDCE62005 Datasheet HTML 56Page - Texas Instruments CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
OutputDivider 2
OutputDivider 3
AUX
OUT
Register 6
25
Register 6
24
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Auxiliary Output
Figure 32 shows the auxiliary output port. Table 30 lists how the auxiliary output port is controlled. The output
buffer supports a maximum output frequency of 250 MHz and drives at LVCMOS levels. Refer to Table 23 for the
list of divider settings that establishes the output frequency.
Figure 32. CDCE62005 Auxiliary Output
Table 30. CDCE62005 Auxiliary Output Settings
Bit Name
→
AUXFEEDSEL
AUXOUTEN
AUX OUTPUT SOURCE
Register.Bit
→
6.25
6.24
X
0
OFF
0
1
Divider 2
1
1
Divider 3
54
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com