Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
C
L
8pF
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Table 18. CDCE62005 Pre-Divider Settings (continued)
Primary Pre-Divider
Secondary Pre-Divider
Bit Name
→
DIV2PRIY
DIV2PRIX
Bit Name
→
DIV2SECY
DIV2SECX
Register.Bit
→
0.1
0.0
Divide Ratio
Register.Bit
→
1.1
1.0
Divide Ratio
1
0
/1
1
0
/1
1
1
Reserved
1
1
Reserved
The CDCE62005 provides a Reference Divider that divides the clock exiting the first multiplexer stage; thus
dividing the primary (PRI_IN) or the secondary input (SEC_IN).
Table 19. CDCE62005 Reference Divider Settings
Reference Divider
Bit Name
→
REFDIV2
REFDIV1
REFDIV0
Divide Ratio
Register.Bit
→
3.0
2.1
2.0
0
0
0
/1
0
0
1
/2
0
1
0
/3
0
1
1
/4
1
0
0
/5
1
0
1
/6
1
1
0
/7
1
1
1
/8
Auxiliary Input Port
The auxiliary input on the CDCE62005 is designed to connect to an AT-Cut Crystal with a total load
capacitance(CL) of 0 to 10pF. One side of the crystal connects to Ground while the other side connects to the
Auxiliary input of the device. The circuit works optimally between 20 to 40MHz but it can accept crystals from 2 to
42MHz.
Since the Auxiliary input operates between 0 and 2 V with a crystal, it can accept single-ended signals (e.g.
LVCMOS). Electrically, it is equivalent to an LVCMOS input buffer with 10pf of input capacitance.
Figure 27. CDCE62005 Auxiliary Input Port
42
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com