Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments CDCE62005 Datasheet HTML 72Page - Texas Instruments CDCE62005 Datasheet HTML 73Page - Texas Instruments CDCE62005 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
DataConverterJitterRequirements
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
22
24
26
50fs
100fs
350fs
1ps
SERDES
CleanedClock
Data
CDCE 62005
RecoveredClock
ASICClock
ASIC
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Figure 44. Data Converter Jitter Requirements
CDCE62005 SERDES Startup Mode
A common scenario involves a host communicating to a satellite system via a high-speed wired communications
link. Typical communications media might be a cable, backplane, or fiber. The reference clock for the satellite
system is embedded in the high speed link. This reference clock must be recovered by the SERDES, however,
the recovered clock contains unacceptable levels of jitter due to a degradation of SNR associated with
transmission over the media. At system startup, the satellite system must self-configure prior to the recovery and
cleanup of the reference clock provided by the host. Furthermore, upon loss of the communication link with the
host, the satellite system must continue to operate albeit with limited functionality. Figure 45 shows a block
diagram of an optical based system with such a mechanism that takes advantage of the features of the
CDCE62005:
Figure 45. CDCE62005 SERDES Startup Overview
The functionality provided by the Smart Multiplexer provides a straightforward implementation of a SERDES
clock link. The Auxiliary Input provides a startup clock because it connects to a crystal. The on-chip EEPROM
determines the default configuration at power-up; therefore, the CDCE62005 requires no host communication to
begin cleaning the recovered clock once it is available. The CDCE62005 immediately begins clocking the
satellite components including the SERDES using the crystal as a clock source and a frequency reference. After
the SERDES recovers the clock, the CDCE62005 removes the jitter via the on-chip synthesizer/loop filter. The
recovered clock from the communications link becomes the frequency reference for the satellite system after the
smart multiplexer automatically switches over to it. The CDCE62005 applies the cleaned clock to the recovered
clock input on the SERDES; thereby establishing a reliable communications link between host and satellite
systems.
70
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com