Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
ELECTRICAL CHARACTERISTICS OPERATING CONDITIONS
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VCC
Supply voltage
3
3.3
3.6
V
VCC_PLL,
VCC_IN,
Analog supply voltage
3
3.3
3.6
VCC_VCO &
VCCA
PLVPECL
REF at 30.72,MHz, Outputs are LVPECL
Output 1 = 491.52 MHz
1.9
W
Output 2 = 245.76 MHz
PLVDS
REF at 30.72 MHz, Outputs are LVDS
1.65
W
Output 3 = 122.88 MHz
Output 4 = 61.44 MHz
Output 5 = 30.72 MHz
PLVCMOS
REF at 30.72 MHz, Outputs are LVCMOS
1.8
W
In case of LVCMOS
Outputs = 245.76 MHz
Dividers are disabled. Outputs are
POFF
REF at 30.72 MHz
0.75
W
disabled.
PPD
Device is powered down
20
mW
DIFFERENTIAL INPUT MODE (PRI_IN, SEC_IN)
VINPP
Input amplitude (V_IN – V/IN)
(1)
0.1
1.3
V
VIC
Common-mode input voltage
1.0
VCC–0.3
V
Differential input current high (no internal
IIH
VI = VCC, VCC = 3.6 V
20
µA
termination)
Differential input current low (no internal
IIL
VI = 0 V, VCC = 3.6 V
–20
20
µA
termination)
Input Capacitance on PRI_IN, SEC_IN
3
pF
LVCMOS INPUT MODE (AUX_IN)
VIL
Low-level input voltage LVCMOS
0
0.3 x VCC
V
VIH
High-level input voltage LVCMOS
0.7 x VCC
VCC
V
VIK LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current
VI = VCC, VCC = 3.6 V
300
µA
IIL
LVCMOS input
VI = 0 V, VCC = 3.6 V
–10
10
µA
CI
Input capacitance (LVCMOS signals)
VI = 0 V or VCC
8
pF
CRYSTAL INPUT SPECIFICATIONS
Crystal shunt capacitance
20
pF
Equivalent series resistance (ESR)
50
Ω
LVCMOS INPUT MODE (SPI_CLK,SPI_MOSI,SPI_LE,PD,SYNC,REF_SEL, PRI_IN, SEC_IN )
Low-level input voltage LVCMOS,
0
0.3 x VCC
V
High-level input voltage LVCMOS
0.7 x VCC
VCC
V
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current
VI = VCC, VCC = 3.6 V
20
µA
LVCMOS input (Except PRI_IN and
IIL
VI = 0 V, VCC = 3.6 V
–10
–40
µA
SEC_IN)
IIL
LVCMOS input (PRI_IN and SEC_IN)
VI = 0 V, VCC = 3.6 V
–10
10
µA
CI
Input capacitance (LVCMOS signals)
VI = 0 V or VCC
3
pF
(1)
VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum VINPP of
100mV.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com