Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 54Page - Texas Instruments CDCE62005 Datasheet HTML 55Page - Texas Instruments CDCE62005 Datasheet HTML 56Page - Texas Instruments CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments CDCE62005 Datasheet HTML 59Page - Texas Instruments CDCE62005 Datasheet HTML 60Page - Texas Instruments CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
VCO Select
Table 34 illustrates how to control the dual voltage controlled oscillators.
Table 34. CDCE62005 VCO Select
VCO Select
VCO CHARACTERISTICS
SELVCO
Bit Name
→
Register.Bit
→
6.0
VCO Range
Fmin (MHz)
Fmax (MHz)
0
Low
1750
2046
1
High
2040
2356
Prescaler
Table 35 shows how to configure the prescaler.
Table 35. CDCE62005 Prescaler Settings
SETTINGS
SELPRESCB
SELPRESCA
DIVIDE RATIO
6.2
6.1
0
0
5
0
1
4
1
0
3
1
1
2
Charge Pump Current Settings
Table 36 provides the settings for the charge pump:
Table 36. CDCD62005 Charge Pump Settings
CHARGE PUMP SETTINGS
CHARGE PUMP
ICPSEL3
ICPSEL2
ICPSEL1
ICPSEL0
Bit Name
→
CURRENT
Register.Bit
→
6.19
6.18
6.17
6.16
0
0
0
0
50
µA
0
0
0
1
100
µA
0
0
1
0
150
µA
0
0
1
1
200
µA
0
1
0
0
300
µA
0
1
0
1
400
µA
0
1
1
0
600
µA
0
1
1
1
750
µA
1
0
0
0
1 mA
1
0
0
1
1.25 mA
1
0
1
0
1.5 mA
1
0
1
1
2 mA
1
1
0
0
2.5 mA
1
1
0
1
3 mA
1
1
1
0
3.5 mA
1
1
1
1
3.75 mA
58
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com