Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
DEVICE POWER CALCULATION AND THERMAL MANAGEMENT
DieTemperaturevsTotalDevicePower
0
25
50
75
100
125
0
1
2
3
4
Power(W)
JEDEC0LFM25C
JEDEC100LFM25C
RL 0LFM25C
RL 100LFM25C
JEDEC0LFM85C
JEDEC100LFM85C
RL 0LFM85C
RL 100LFM85C
JEDEC0LFM25C
JEDEC100LFM25C
RL 0LFM25C
JDEC0LFM85C
JEDEC100LFM85C
RL 0LFM85C
RL 100LFM85C
RL 100LFM25C
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
The CDCE62005 is a high performance device, therefore careful attention must be paid to device configuration
and printed circuit board layout with respect to power consumption. Table 44 provides the power consumption for
the individual blocks within the CDCE62005. To estimate total power consumption, calculate the sum of the
products of the number of blocks used and the power dissipated of each corresponding block.
Table 44. CDCE62005 Power Consumption
Internal Block (Power at 3.3V)
Power Dissipated per Block
Number of Blocks per Device
Input Circuit
18 mW
1
PLL and VCO Core
746 mW
1
Output Divider
185 mW
5
Output Buffer ( LVPECL)
116 mW
5
Output Buffer (LVDS)
76 mW
5
Output Buffer (LVCMOS)
86 mW
10
This power estimate determines the degree of thermal management required for a specific design. Employing the
thermally enhanced printed circuit board layout shown in Figure 39 insures that the thermal performance curves
shown in Figure 38 apply. Observing good thermal layout practices enables the thermal pad on the backside of
the QFN-48 package to provide a good thermal path between the die contained within the package and the
ambient air. This thermal pad also serves as the ground connection the device; therefore, a low inductance
connection to the ground plane is essential.
Figure 39 shows a layout optimized for good thermal performance and a good power supply connection as well.
The 7×7 filled via patter facilitates both considerations. Finally, the recommended layout achieves
θ
JA =
27.3°C/W in still air and 20.3°C/W in an environment with 100 LFM airflow if implemented on a JEDEC compliant
thermal test board..
Figure 38. CDCE62005 Die Temperature vs Device Power
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com