Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 59Page - Texas Instruments CDCE62005 Datasheet HTML 60Page - Texas Instruments CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Lock Detect
PFD/
CP
FromInputDivider
FromFeedback Divider
ToLoopFilter
FromInputDivider
FromFeedback Divider
Locked
Unlocked
FromInputDivider
FromFeedback Divider
25 24 23 22
Register 5
Lock Detect Window (Max)
Lock Detect Window Adjust
(a)
(b)
27 26
FromDigital
Lock Detector
PLL_LOCK
1 = Locked
O = Unlocked
(c)
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Digital Lock Detect
The CDCE62005 provides both an analog and a digital lock detect circuit. With respect to lock detect, two signals
whose phase difference is less than a prescribed amount are ‘locked’ otherwise they are ‘unlocked’. The phase
frequency detector / charge pump compares the clock provided by the input divider and the feedback divider;
using the input divider as the phase reference. The digital lock detect circuit implements a programmable lock
detect window. Table 43 shows an overview of how to configure the digital lock detect feature. When selecting
the digital PLL lock option, the PLL_LOCK pin will possibly jitter several times between lock and out of lock until
the PLL achieves a stable lock. If desired, choosing a wide loop bandwidth and a high number of successive
clock cycles virtually eliminates this characteristic. PLL_LOCK will return to out of lock, if just one cycle is outside
the lock detect window or if a cycle slip occurs.
Figure 36. CDCE62005 Digital Lock Detect
Table 43. CDCE62005 Digital Lock Detect Control
DIGITAL LOCK DETECT
Bit Name
→
ADLOCK
LOCKDET
LOCKW(3)
LOCKW(2)
LOCKW(1)
LOCKW(0)
Register.Bit
→
5.27
5.26
5.25
5.24
5.23
5.22
Lock Detect Window
1
X
X
X
X
X
Analog Lock
X
0
X
X
X
X
1 cycle in lock window triggers a lock
64 continuous cycles in lock window triggers a
X
1
X
X
X
X
lock
0
X
0
0
0
0
Narrow Window
0
X
0
0
0
1
One step wider than narrow window
0
X
0
0
1
0
Two steps wider than narrow window
0
X
0
1
0
0
Three steps wider than narrow window
0
X
0
1
0
1
Four steps wider than narrow window
•
•
•
•
•
•
•
0
X
1
1
1
0
Widest Window
0
X
X
X
1
1
Reserved
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com