Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
OutputDivider (7-bits)
DigitalPhase Adjust (7-bits)
Sync
Pulse
(internallygenerated )
Enable
From
Output
MUX
To
Output
Buffer
20
Registers 0 - 4
6
Registers 0 - 4
7
8
9
10
11
12
13
Registers 0 - 4
14
15
16
17
18
19
/2-/5
/1 - /8
/2
From
Output
MUX
To
Output
Buffer
16
Registers 0 - 4
Registers 0 - 4
18
19
01
10
00
Prescaler
IntegerDivider
15
17
13
Registers 0 - 4
14
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Output Dividers
Figure 29 shows that each output channel provides a 7-bit divider and digital phase adjust block. Table 23 lists
the divide ratios supported by the output divider for each output channel. Figure 30 illustrates the output divider
architecture in detail. The Prescaler provides an array of low noise dividers with duty cycle correction. The
Integer Divider includes a final divide by two stage which is used to correct the duty cycle of the /1–/8 stage. The
output divider’s maximum input frequency is limited to 1.175GHz. If the divider is bypassed (divide ratio = 1) then
the maximum frequency of the output channel is 1.5GHz.
Figure 29. CDCE62005 Output Divider and Phase Adjust
Figure 30. CDCE62005 Output Divider Architecture
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com