Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 41 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 41 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 37Page - Texas Instruments SLWS132 Datasheet HTML 38Page - Texas Instruments SLWS132 Datasheet HTML 39Page - Texas Instruments SLWS132 Datasheet HTML 40Page - Texas Instruments SLWS132 Datasheet HTML 41Page - Texas Instruments SLWS132 Datasheet HTML 42Page - Texas Instruments SLWS132 Datasheet HTML 43Page - Texas Instruments SLWS132 Datasheet HTML 44Page - Texas Instruments SLWS132 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
GRAYCHIP, INC.
- 36 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.7
DIAGNOSTICS
Four diagnostic tests are described here. These tests use the diagnostic ramp as the input data source and
the counter for synchronization. The tests are run by loading the configurations, waiting for the checksum to
stabilize, and then reading the checksum from address 15 and comparing it to the expected checksum shown in
each configuration table for address 15.
Table 13: Diagnostic Test 1 Configuration
Control Registers
Channel pages 4,5,6,7
Coefficient Pages
Address
Data
Address
Page 4
Page 5
Page 6
Page 7
Page 8
Page 9
Page 10
Page 11
00 (HEX)
2A (HEX)
10 (HEX)
12 (HEX)
45 (HEX)
AA (HEX)
55 (HEX)
Unused
01
80
11
23
23
55
AA
02
07
12
34
34
AA
55
03
00
13
01
02
00
03
04
72
14
55
55
55
55
05
00
15
55
55
55
55
06
00
16
FF
AA
55
80
07
00
17
04
04
04
04
08
51
18
AA
AA
AA
AA
09
AA
19
0A
FF
1A
0B
0F
1B
0C
88
1C
0D
0P2
1D
0E
00
1E
0F
851
1F
1. This is the read-only expected checksum
2. P = desired page number
Table 14: Diagnostic Test 2 Configuration
Control Registers
Channel pages 4,5,6,7
Coefficient Pages
Address
Data
Address
Page 4
Page 5
Page 6
Page 7
Page 8
Page 9
Page 10
Page 11
00 (HEX)
2A (HEX)
10 (HEX)
55 (HEX)
12 (HEX)
45 (HEX)
AA (HEX)
Unused
01
80
11
AA
23
23
55
02
0F
12
55
34
34
AA
03
00
13
03
00
01
02
04
64
14
AA
AA
AA
AA
05
00
15
AA
AA
AA
AA
06
01
16
AA
55
7F
FF
07
00
17
04
04
04
04
08
51
18
AA
AA
AA
AA
09
AA
19
0A
FF
1A
0B
0F
1B
0C
88
1C
0D
0P
1D
0E
00
1E
0F
801
1F
1. This is the read-only expected checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com