Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 28 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 24Page - Texas Instruments SLWS132 Datasheet HTML 25Page - Texas Instruments SLWS132 Datasheet HTML 26Page - Texas Instruments SLWS132 Datasheet HTML 27Page - Texas Instruments SLWS132 Datasheet HTML 28Page - Texas Instruments SLWS132 Datasheet HTML 29Page - Texas Instruments SLWS132 Datasheet HTML 30Page - Texas Instruments SLWS132 Datasheet HTML 31Page - Texas Instruments SLWS132 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
GRAYCHIP, INC.
- 23 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.13
STATUS CONTROL REGISTER
This register contains miscellaneous control and status information.
ADDRESS 14:
Status Control Register
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
READY
The user sets this bit after reading the output registers. The chip
clears this bit when new values have been loaded and it is time
to read them.
1
R/W
MISSED
The chip sets this bit If the user has not set the READY bit before
the chip loads the output registers. This bit high indicates that an
error has occurred.
2
R/W
unused
3
R/W
GAIN_OVERFLOW
Indicates an overflow in the final gain circuit.
4
R/W
OVERFLOW_A
Indicates overflow in channel A’s coarse gain.
5
R/W
OVERFLOW_B
Indicates overflow in channel B’s coarse gain.
6
R/W
OVERFLOW_C
Indicates overflow in channel C’s coarse gain.
7 MSB
R/W
OVERFLOW_D
Indicates overflow in channel D’s coarse gain.
The READY bit is used to tell an external processor when new output samples are ready to be read. If
desired, the RDY pin can be used as an interrupt to the external processor (See Section 5.2) to tell the processor
when to read new samples. The user does not need to set the READY bit if RDY is used. If READY is not set,
however, the MISSED flag will not be valid.
The overflow bits are set when an overflow occurs and stays set until the user clears them. If the
SO_INT_MODE bit in control register 1 is set, then the SO pin will go low if OVERFLOW_A, OVERFLOW_B,
OVERFLOW_C, or OVERFLOW_D go active. GAIN_OVERFLOW will not cause SO to go low.
GAIN_OVERFLOW is set if the final gain circuit detects an overflow in any channel (or sum of channels if
SUM_MODE is active).
5.14
CHECKSUM REGISTER
The checksum register is a read only register which contains the checksum of the output data. The
checksum is stored in the checksum register and then starts over again each time the DIAG_SYNC (See
Section 5.11) occurs. This is a read only register.
ADDRESS 15:
Checksum Register
BIT
TYPE
NAME
DESCRIPTION
0-7
R
CHECKSUM[0:7]
The checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com