Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 11Page - Texas Instruments SLWS132 Datasheet HTML 12Page - Texas Instruments SLWS132 Datasheet HTML 13Page - Texas Instruments SLWS132 Datasheet HTML 14Page - Texas Instruments SLWS132 Datasheet HTML 15Page - Texas Instruments SLWS132 Datasheet HTML 16Page - Texas Instruments SLWS132 Datasheet HTML 17Page - Texas Instruments SLWS132 Datasheet HTML 18Page - Texas Instruments SLWS132 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
GRAYCHIP, INC.
- 10 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
3.6
OUTPUT MODES
The channel or summation outputs are accessible either through internal control registers, through bit serial
outputs, or through nibble serial (link mode) outputs. Note that the bit serial and link mode outputs start, after power
up, in a tri-state condition and must be turned on when the chip is configured.
3.6.1
Internal Control Registers
The internal control registers are loaded by the chip once every output sample period (OSP)1 and held for
the rest of the period. The user is notified that new samples are ready and a new OSP has begun, either through an
interrupt signal provided by the chip’s “READY” pin (RDY/ACK pin), or through a control register bit.
3.6.2
Serial Outputs
The chip provides a bit serial clock (SCK), a frame strobe (SFS) and four data bit lines (SOUT A,B,C and
D) to output the data. A MUX_MODE control specifies whether the four data outputs are transmitted on four separate
bit-serial pins, or multiplexed onto two, or just one pin in a TDM format. Separate output pins are not provided for
the I and Q halves of complex data. The I and Q outputs are always multiplexed onto the same bit-serial pin. The
16 bit I-component is output first, followed by the Q-component. The “packed mode” allows a complex pair to be
treated as a single 32 bit word. The “READY” signal is used to identify the first word of a complex pair or of the TDM
formatted output. The TDM modes are summarized in the following table (See Table 1 for a definition of OUT in the
summation modes):
The bit serial outputs use the format shown in Figure 10. Figure 10(a) shows the standard output mode (the
PACKED mode bit is low). The chip clocks the frame and data out of the chip on the rising edge of SCK (or falling
edge if the SCK_POL bit in the input control register is set). The chip sends the 16 bits (I data first) by setting SFS
high (or low if SFS_POL in the input control register is set) for one clock cycle, and then transmitting the data, MSB
first, on the next 16 clocks. The I/Q data is transmitted “back to back” as shown in Figure 10(a). If the PACKED
control bit is high, then the I and Q components are sent as a single 32 bit word with only one SFS strobe as shown
in Figure 10(b). If two or more channels are multiplexed out the same serial pins, then the subsequent I/Q channel
1. Output sample period (OSP) refers to the interval between output samples at the decimated output rate. For example,
if the input rate (and clock rate) is 10 MHz and the overall decimation factor is 100 (N=25) the OSP will be10
microseconds. An OSP starts when a new sample is ready and stops when the next one is ready.
Table 2: TDM Modes
MUX MODE
SERIAL OUTPUT
AOUT
BOUT
COUT
DOUT
0
OUTA
OUTB
OUTC
OUTD
1
OUTA, OUTB
OUTC, OUTD
2
OUTA, OUTB, OUTC, OUTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com