Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 9 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 5Page - Texas Instruments SLWS132 Datasheet HTML 6Page - Texas Instruments SLWS132 Datasheet HTML 7Page - Texas Instruments SLWS132 Datasheet HTML 8Page - Texas Instruments SLWS132 Datasheet HTML 9Page - Texas Instruments SLWS132 Datasheet HTML 10Page - Texas Instruments SLWS132 Datasheet HTML 11Page - Texas Instruments SLWS132 Datasheet HTML 12Page - Texas Instruments SLWS132 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
GRAYCHIP, INC.
- 4 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
each input sample, allowing input data rates down to 1/16th the clock rate. Zero padding also lowers the effective
decimation ratio. For example, the minimum decimation is normally factor of 32. If the input data rate is 5 MSPS and
the chip can be clocked at 40 MHz, then the zero pad function can be used to pad the 5 MSPS input data up by a
factor of 8 to 40 MSPS. The minimum decimation of 32, once the zero padding is done, becomes a minimum
decimation of 4 relative to the original 5 MSPS data.
3.3
THE DOWN CONVERTERS
Each down converter uses an NCO and mixer to quadrature down convert a signal to baseband and then
uses a 4 stage CIC1 filter and a two-stage decimate by 4 or 8 filter to lowpass filter and to isolate the desired signal.
A block diagram of each filter is shown below:
Figure 3. The Down Converter Channel
The CIC filter reduces the sample rate by a programmable factor ranging from 8 to 16,384. The CIC outputs
are followed by a coarse gain stage and then followed by a two stage decimate by 4 or 8 filter. The coarse gain
circuit allows the user to boost the gain of weak signals up to 42 dB in 6 dB steps. The first stage of the two stage
filter is a compensating 21 tap decimate by 2 filter (CFIR) with a choice of two sets of fixed tap weights. The first set
is designed to be flat from -0.5FS to +0.5FS, where FS is the output sample rate, and to reject out of band energy by
at least 80dB. The second set has a narrower output passband (-0.25FS to +0.25FS), but more out of band rejection.
The second set is ideal for systems such as GSM, which require more far band rejection (>97 dB), but with relaxed
adjacent band rejection. The second stage is a 63 tap decimate by 2 or 4 programmable filter (PFIR) with either
internal or user supplied tap weights. The internal filter is designed to be flat from -0.4FS to +0.4FS of the output
sample rate and to reject out of band energy by at least 85 dB. The user can also design and download their own
final filter to customize the channel’s spectral response. Typical uses of the programmable filter include matched
(root-raised cosine) filtering, or filtering to generate oversampled outputs with greater out of band rejection. The 63
tap symmetrical filter is downloaded into the chip as 32 words, 16 bits each. The programmable PFIR coefficients
must be used to bandlimit the output in the decimate by 4 mode.
1. Hogenauer, Eugene B., An Economical Class of Digital Filters for Decimation and Interpolation, IEEE transactions on Acoustics,
Speech and Signal Processing, April 1981.
NCO
TUNING
FREQUENCY
PHASE
OFFSET
IN
TO
OUTPUT
FORMATTER
Q
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com