Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 3Page - Texas Instruments SLWS132 Datasheet HTML 4Page - Texas Instruments SLWS132 Datasheet HTML 5Page - Texas Instruments SLWS132 Datasheet HTML 6Page - Texas Instruments SLWS132 Datasheet HTML 7Page - Texas Instruments SLWS132 Datasheet HTML 8Page - Texas Instruments SLWS132 Datasheet HTML 9Page - Texas Instruments SLWS132 Datasheet HTML 10Page - Texas Instruments SLWS132 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
GRAYCHIP, INC.
- 2 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
3.0
FUNCTIONAL DESCRIPTION
The GC4014 quad receive chip contains four identical down-conversion circuits. Each down-convert circuit
accepts a real sample rate up to 62.5 MHz, down converts a selected carrier frequency to zero, decimates the signal
rate by a programmable factor ranging from 16 to 32768 (32 to 65,536 for complex outputs), and optionally sums it
with other down converted samples. The chip outputs the four down-converted signals, or their sum. The chip
contains a user programmable output filter which can be used to arbitrarily shape the received data’s spectrum. This
filter can be used as a Nyquist receive filter for digital data transmission.
Two down-converter paths can be merged to be used as a single complex input down-conversion circuit.
The down-converters are designed to maintain over 95 dB of spur free dynamic range and over 100 dB of
out of band rejection. Each down-convert circuit accepts 16 bit inputs and produces 16 bit outputs (bit serial). The
frequencies and phase offsets of the four sine/cosine sequence generators can be independently specified, as can
the gain of each circuit. The down converters share the same bandwidth, filter coefficients and input formats. A
special mode allows the downconverters to support GSM and DAMPS blocker requirements (see Sections 7.5 and
7.6).
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus consisting of
an 8 bit data I/O port, a 5 bit address port, a chip enable strobe, a read strobe and a write strobe. The chip’s control
registers (8 bits each) are memory mapped into the 5 bit address space of the control port.
Section 7.5 Describes a typical application, including control register values and the proper sequence of
operations required to use the chip.
3.1
CONTROL INTERFACE
The chip is configured by writing control information into sixty four control registers within the chip. The
contents of these control registers and how to use them are described in Section 5. The registers are written to or
read from using the C[0:7], A[0:4], CE, RD and WR pins. Each control register has been assigned a unique address
within the chip. This interface is designed to allow the GC4014 to appear to an external processor as a memory
mapped peripheral (the pin RD is equivalent to a memory chip’s OE pin).
An external processor (a microprocessor, computer, or DSP chip) can write into a register by setting A[0:4]
to the desired register address, selecting the chip using the CE pin, setting C[0:7] to the desired value and then
pulsing WR low. The data will be written into the selected register when both WR and CE are low and will be held
when either signal goes high.
To read from a control register the processor must set A[0:4] to the desired address, select the chip with
the CE pin, and then set RD low. The chip will then drive C[0:7] with the contents of the selected register. After the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com