Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 22 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 18Page - Texas Instruments SLWS132 Datasheet HTML 19Page - Texas Instruments SLWS132 Datasheet HTML 20Page - Texas Instruments SLWS132 Datasheet HTML 21Page - Texas Instruments SLWS132 Datasheet HTML 22Page - Texas Instruments SLWS132 Datasheet HTML 23Page - Texas Instruments SLWS132 Datasheet HTML 24Page - Texas Instruments SLWS132 Datasheet HTML 25Page - Texas Instruments SLWS132 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
GRAYCHIP, INC.
- 17 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.1
SYNC MODE REGISTER
The Sync mode control register determines how the circuits within the chip are synchronized. Each circuit
which requires synchronization can be configured to be synchronized to the sync input (SI), or to the terminal count
of the sync counter (TC). The sync to each circuit can also be set to be always on or always off. Each circuit is given
a two bit sync mode control which is defined as:
NOTE: the internal syncs are active high. The SI input has been inverted to be the active high sync SI.
ADDRESS 0:
Sync Mode
, suggested default = 0x65
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
DEC_SYNC
Synchronizes the decimation control counter. The decimation counter
controls the filter timing of each channel and the serial timing of the
output signals.
2,3
R/W
COUNTER_SYNC
Synchronizes the sync counter. This counter is used to generate the
periodic “TC” sync pulses. Mode 2 in Table 4 is always OS.
4,5
R/W
OUTPUT_SYNC
The selected sync is inverted and output on the SO pin.
6
R/W
USE_ONESHOT
The terminal count mode in table 4 is replaced by the one shot pulse
(OS) when this bit is set.
7
R/W
ONE_SHOT
The one shot sync pulse (OS) is generated when this bit is set. This
bit must be cleared before another one shot pulse can be generated.
If the user wishes to allow the chip to free run, asynchronous to other chips, then the sync settings can be
set to zero. If one wishes to synchronize several chips to a single sync source, then the sync mode selections should
be set to one. The suggested default is to output the one-shot (USE_ONESHOT = 1, OUTPUT_SYNC=2) and set
all other syncs to SI. The user should tie the SO output pin of one GC4014 chip to the SI input pin of all other GC4014
chips in a system in order to cleanly synchronize and initialize one or more GC4014 chips. If there is only a single
GC4014 chip, then all sync mode selections can be set to “2” to receive the one-shot directly. A one-shot should be
sent after initialization and each time the decimation ratio is changed.
Table 4: Sync Modes
MODE
SYNC DESCRIPTION
0
“0” (never asserted)
1SI
2
TC (or OS, if USE_ONESHOT is set)
3
“1” (always active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com