| Electronic Components Datasheet Search |
|
SLWS132 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLWS132 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 46 page ![]() GRAYCHIP, INC. - 26 - APRIL 27, 1999 GC4014 QUAD RECEIVER CHIP DATA SHEET REV 0.6 This document contains information which may be changed at any time without notice ADDRESS 23: Channel Control , suggested default = 0x0, power up reset to 0. BIT TYPE NAME DESCRIPTION 0,1 LSB R/W INPUT This two bit field selects which chip input should be used by the channel. INPUT = 0,1,2 and 3 correspond to inputs A, B, C and D. 2 R/W DIAG Use the diagnostic source as the channel input. See Address 12 (Section 5.11). 3 R/W BLANK Turn on blanking for this channel. See address 8, Section 5.8 4-6 R/W COARSE The COARSE gain setting used for this channel. See Sections 5.4 and 5.5 for details. 7 MSB R/W POWER_DOWN Used to force the channel into the power down state. ADDRESS 24: Channel Sync Modes , suggested default = 0x5f BIT TYPE NAME DESCRIPTION 0,1 LSB R/W FREQ_SYNC The new frequency setting takes affect on this sync. 2,3 R/W PHASE_SYNC The new phase offset takes affect on this sync 4,5 R/W NCO_SYNC The NCO is initialized to the phase setting by this sync 6,7 MSB R/W DITHER_SYNC The dither circuit is initialized by this sync to zero. These syncs use the selections shown in Table 4. The NCO_SYNC is usually set to be always off, unless the user wants to coherently control the phases of multiple channels. The FREQ_SYNC and PHASE_SYNC are typically set to be always on so that frequency and phase settings will take effect immediately as they are written into their control registers. The DITHER_SYNC is used to turn on or off the dithering of the NCO phase. To turn off dithering set the DITHER_SYNC to be always on so that it remains initialized to zero. To turn dithering on set the sync to be always off. During diagnostics the NCO_SYNC and DITHER_SYNC should be set to “TC”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |