| Electronic Components Datasheet Search |
|
SLWS132 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLWS132 Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 46 page ![]() GRAYCHIP, INC. - 3 - APRIL 27, 1999 GC4014 QUAD RECEIVER CHIP DATA SHEET REV 0.6 This document contains information which may be changed at any time without notice processor has read the value from C[0:7] it should set RD and CE high. The C[0:7] pins are turned off (high impedance) whenever CE or RD are high or when WR is low. The chip will only drive these pins when both CE and RD are low and WR is high. One can also ground the RD pin and use the WR pin as a read/write direction control and use the CE pin as a control I/O strobe. Figure 2 shows timing diagrams illustrating both I/O modes. Figure 2. Control I/O Timing The setup, hold and pulse width requirements for control read or write operations are given in Section 6.0. The C, A, WR, RD and CE pins will accept either 5 volt or 3.3 volt input levels. A separate power supply voltage pin (VUP) is provided on the chip to enable this feature. 3.2 INPUT FORMAT Both 14 bit and 16 bit input formats are accepted. In the 14 bit mode the inputs are 14 bit samples from four different sources. In the 16 bit mode, the inputs are 16 bit samples from three different sources. In either case, a crossbar switch allows the user to route any input to any down-converter channel. The input samples are normally clocked into the chip at the clock rate, i.e., the input sample rate is equal to the clock rate. Input rates lower than the clock rate can be accepted by using the zero pad mode. The zero pad mode will insert up to 15 zeroes between CE WR RD C[0-7] A[0-5] tCSU tCDLY tCSU tCZ READ CYCLE- NORMAL MODE CE WR RD C[0-7] A[0-5] tCSU tCSPW tCSU tCHD WRITE CYCLE- NORMAL MODE WR CE C[0-7] A[0-5] tCDLY tCSU tCZ tCHD tCHD CE WR C[0-7] A[0-5] tCSPW tCSU tCHD READ CYCLE- RD HELD LOW WRITE CYCLE- RD HELD LOW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |