Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 34 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 34 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 30Page - Texas Instruments SLWS132 Datasheet HTML 31Page - Texas Instruments SLWS132 Datasheet HTML 32Page - Texas Instruments SLWS132 Datasheet HTML 33Page - Texas Instruments SLWS132 Datasheet HTML 34Page - Texas Instruments SLWS132 Datasheet HTML 35Page - Texas Instruments SLWS132 Datasheet HTML 36Page - Texas Instruments SLWS132 Datasheet HTML 37Page - Texas Instruments SLWS132 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
GRAYCHIP, INC.
- 29 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
6.4
DC CHARACTERISTICS
All parameters are industrial temperature range of -40 to 85 oC ambient unless noted.:
Table 9: DC Operating Conditions
PARAMETER
SYMBOL
Vcc = 3.1 to 3.5V
UNITS
NOTES
MIN
MAX
Voltage input low
VIL
0.8
V
2
Voltage input high, AIN,BIN,CIN,DIN,SI,C
VIH
2.1
V
2,3
Voltage input high CK, CK2X
VIH
2.4
V
2
Input current (VIN = 0V)
IIN
Typical +/- 20
uA
2
Voltage output low (IOL = 4mA)
VOL
0.5
V
2
Voltage output high (IOH = -4mA)
VOH
2.4
3.3
V
2,4
Data input capacitance (All inputs except CK)CIN
Typical 4
pF
1
Clock input capacitance (CK input)
CCK
Typical 10
pF
1
Notes:
1. Controlled by design and process and not directly tested. Verified on initial parts evaluation.
2. Each part is tested at 85
°C for the given specification.
3. For VUP=5V, VIH=2.5V for the Control I/O, CKMODE and ACK pins.
4. For VUP=5V, VOH=2.8V (MIN) and VOH=5V (MAX) for the Control I/O and RDY pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com