Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 26 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 26 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 22Page - Texas Instruments SLWS132 Datasheet HTML 23Page - Texas Instruments SLWS132 Datasheet HTML 24Page - Texas Instruments SLWS132 Datasheet HTML 25Page - Texas Instruments SLWS132 Datasheet HTML 26Page - Texas Instruments SLWS132 Datasheet HTML 27Page - Texas Instruments SLWS132 Datasheet HTML 28Page - Texas Instruments SLWS132 Datasheet HTML 29Page - Texas Instruments SLWS132 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
GRAYCHIP, INC.
- 21 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.9
CHANNEL FLUSH CONTROL REGISTER
This register controls flushing the four channels. Each channel is flushed when the selected sync occurs
The sync is selected according to Table 4 in Section 5.1.
ADDRESS 9:
Channel Flush Register
, suggested default = 0x55
BIT
TYPE
NAME
DESCRIPTION
0,1 LSB
R/W
FLUSH_A[0:1]
The flush sync for channel A.
2,3
R/W
FLUSH_B[0:1]
The flush sync for channel B.
4,5
R/W
FLUSH_C[0:1]
The flush sync for channel C.
6,7 MSB
R/W
FLUSH_D[0:1]
The flush sync for channel D.
Each channel should be flushed when the chip is being initialized or when the decimation control is
changed. The flush lasts for 8N clocks after the sync occurs. The channel flush syncs will normally be left in a “never”
mode. If a channel is unused, then the user should leave the channel in the “always” flush mode which will clear the
datapath, clear the channel’s output, and lower its power consumption. During diagnostics the channels will need
to be flushed at the beginning of each sync cycle.
The user may wish to flush a channel when a new frequency is selected in order to purge the datapath of
the last signal.
5.10
COUNTER MODE REGISTERS
Registers 10, and 11 set the counter’s cycle period.
ADDRESS 10:
Counter Byte 0
, suggested default = 0xff
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
CNT[0:7]
The LSBs of the counter cycle period
ADDRESS 11:
Counter Byte 1
, suggested default = 0xff
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
CNT[8:15]
The 8 MSBs of the counter cycle period
The chip’s internal sync counter counts in cycles of 128(CNT+1) clocks. A terminal count signal (TC) is
output at the end of each cycle. The counter can be synchronized to an external sync as specified in the Sync mode
Register (See Section 5.1). If CNT is set so that 128(CNT+1) is a multiple of twice the decimation ratio (i.e., a
multiple of 16N), then the terminal count of this counter can be output on the SO pin and used to periodically
synchronize multiple GC4014 chips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com