Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 35 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 35 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 31Page - Texas Instruments SLWS132 Datasheet HTML 32Page - Texas Instruments SLWS132 Datasheet HTML 33Page - Texas Instruments SLWS132 Datasheet HTML 34Page - Texas Instruments SLWS132 Datasheet HTML 35Page - Texas Instruments SLWS132 Datasheet HTML 36Page - Texas Instruments SLWS132 Datasheet HTML 37Page - Texas Instruments SLWS132 Datasheet HTML 38Page - Texas Instruments SLWS132 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
GRAYCHIP, INC.
- 30 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
6.5
AC CHARACTERISTICS
Table 10: AC Characteristics (-40 TO +85oC Ambient, unless noted)
PARAMETER
SYMBOL
3.1V to 3.5V
UNITS
NOTES
MIN
MAX
Clock Frequency
FCK
Note 5
64
MHz
2, 3
Clock low period (Below VIL)tCKL
6ns
2
Clock high period (Above VIH)tCKH
6ns
2
Clock rise and fall times (VIL to VIH)tRF
2ns
1
Input setup before CK goes high
(AIN, BIN, CIN, DIN, or SI)
tSU
2ns
2
Input hold time after CK goes high
tHD
2ns
2
Data output delay from rising edge of CK.
(AOUT, BOUT, COUT, DOUT, SFS, SCK, RDY, or SO)
tDLY
2
Note 1
15
Note 2
ns
4
Control Setup before both CE, WR or RD go low (See Figure 2.0)
tCSU
3
ns
2, 8
Control hold after CE, WR or RD go high (See Figure 2.0)
tCHD
3
ns
2, 8
Control strobe (CE or WR) pulse width (Write operation, See
Figure 2.0)
tCSPW
20
ns
2, 8
Control output delay CE and RD low to C (Read Operation, See
Figure 2.0
tCDLY
30
ns
2, 6, 8
Control tristate delay after CE and RD go high (See Figure 2.0)
tCZ
10
ns
1
Quiescent supply current
(VIN=0 or VCC, FCK = 1KHz or POWER_DOWN=1)
ICCQ
7mA
1
Supply current
(FCK =64MHz, N=8)
ICC
400
mA
2, 7
Notes:
1. Typical and not directly tested. Verified on initial part evaluation.
2. Each part is tested at 85 deg C for the given specification.
3. The chip may not operate properly at clock frequencies below MIN and above MAX.
4. Capacitive output load is 20pf. Delays are measured from the rising edge of the clock to the output level rising
above VIH or Falling below VIL.
5. The minimum clock rate must satisfy FCK/(4N) > 1KHz.
6. Capacitive output load is 80pf.
7. Current changes linearly with voltage and clock speed:
where A is the number of active channels (0 to 4) and N is the CIC decimation ratio.
8. See timing diagram in Figure 2 and description in Section 3.1.
Icc (MAX)
VCC
3.3
------------

 FCK
50M
-----------


31
A 29
320
N
---------
+


+mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com