Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 24 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 24 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 20Page - Texas Instruments SLWS132 Datasheet HTML 21Page - Texas Instruments SLWS132 Datasheet HTML 22Page - Texas Instruments SLWS132 Datasheet HTML 23Page - Texas Instruments SLWS132 Datasheet HTML 24Page - Texas Instruments SLWS132 Datasheet HTML 25Page - Texas Instruments SLWS132 Datasheet HTML 26Page - Texas Instruments SLWS132 Datasheet HTML 27Page - Texas Instruments SLWS132 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
GRAYCHIP, INC.
- 19 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.4
SCALE CONTROL REGISTER
Register 4 controls the CIC filter gain for the chip. These settings are common to all channels
ADDRESS 4:
CIC Scale
, suggested default = 0x71
BIT
TYPE
NAME
DESCRIPTION
0-2
R/W
SCALE
SCALE ranges from 0 to 5.
3
R/W
unused
4-6
R/W
BIG_SCALE
BIG_SCALE ranges from 0 to 7.
7
R/W
unused
The CIC filter has a gain which is equal to N4. To remove this gain the CIC inputs are pre-scaled down by
(56-SCALE-6*BIG_SCALE) bits before filtering. The overall gain of each channel is equal to:
where COARSE and G are unique for each channel (See Section 5.17). PFIR_SUM is the sum of the 63 PFIR
coefficients if FILTER_SELECT in Register 1 is set, and NARROW is the CFIR narrow mode bit in Register 13. The
values of SCALE and BIG_SCALE must be such that the term in braces is less than unity, i.e.,
. Overflows due to improper gain settings will go undetected if this
relationship is violated. For example, this restriction means that BIG_SCALE and SCALE should be less than or
equal to 7 and 2 respectively for N equal to 8. The BIG_SCALE and SCALE settings are common to all channels.
See Section 7.9 for a discussion on how to optimally set the gain of the chip.
5.5
CHANNEL GAIN REGISTER
Register 5 contains the most significant 2 bits of each channel’s gain setting G. The least significant bits are
stored in each channel’s control page (See Section 5.17).
ADDRESS 5:
Channel Gain
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0,1
R/W
GA[8:9]
2 MSBs of Channel A’s gain.
3,4
R/W
GB[8:9]
2 MSBs of Channel B’s gain.
4,5
R/W
GC[8:9]
2 MSBs of Channel C’s gain.
6,7
R/W
GD[8:9]
2 MSBs of Channel D’s gain.
Since the gain is G/32, and these bits are only used if G is greater than 256 (except for negative values),
then setting this register to zero still allows the user to add up to 18 dB of gain by just using the 8 LSB’s set in the
channel control pages. If more than 18 dB is desired, then these control register bits can be used. See Section 7.9
for a discussion on how to optimally set the gain of the chip.
GAIN
N
4
2
SCALE
6
BIG_SCALE
×
56
–
+
()
{} 2COARSE
[] 1.0 NARROW 0.97
×
+
{} PFIR_SUM
65536
-------------------
{} G
32
------
[]
=
SCALE
6
BIG_SCALE
×
+
()
56
4log
2N
–
()
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com