Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 33 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 33 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 29Page - Texas Instruments SLWS132 Datasheet HTML 30Page - Texas Instruments SLWS132 Datasheet HTML 31Page - Texas Instruments SLWS132 Datasheet HTML 32Page - Texas Instruments SLWS132 Datasheet HTML 33Page - Texas Instruments SLWS132 Datasheet HTML 34Page - Texas Instruments SLWS132 Datasheet HTML 35Page - Texas Instruments SLWS132 Datasheet HTML 36Page - Texas Instruments SLWS132 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
GRAYCHIP, INC.
- 28 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
6.0
SPECIFICATIONS
6.1
ABSOLUTE MAXIMUM RATINGS
6.2
RECOMMENDED OPERATING CONDITIONS
6.3
THERMAL CHARACTERISTICS
Table 6: Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
4.1
V
Control I/O, CKMODE and RDY/ACK
Supply Voltage
VUP
-0.3
6.0
V
Input voltage (undershoot and overshoot)
VIN
-0.5
VCC+0.5
V
1
Storage Temperature
TSTG
-65
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Notes:
1. MAX is VUP+0.5 for the Control I/O and ACK pins.
Table 7: Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
3.1
3.5
V
1
Control I/O, CKMODE and RDY/ACK
Supply Voltage
VUP
VCC
5.5
V
Temperature Ambient, no air flow
TA
-40
+85
°C2
Junction Temperature
TJ
125
°C2
1. DC and AC specifications are tested for this range. The GC4014 will operate at derated specifications
for lower supply voltages.
2. Thermal management may be required for full rate operation, See Table 8 below
Table 8: Thermal Data
THERMAL
CONDUCTIVITY
SYMBOL
GC4014-CQ
GC4014-PQ
UNITS
0.5 Watt
1 Watt
0.5 Watt
1 Watt
Theta Junction to Ambient
θja
54
37
40
32
°C/W
Theta Junction to Case
θjc
17
15
13
11
°C/W
Note: Air flow will reduce
θja and is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com