Electronic Components Datasheet Search
  English  ▼

X  

SLWS132 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 6Page - Texas Instruments SLWS132 Datasheet HTML 7Page - Texas Instruments SLWS132 Datasheet HTML 8Page - Texas Instruments SLWS132 Datasheet HTML 9Page - Texas Instruments SLWS132 Datasheet HTML 10Page - Texas Instruments SLWS132 Datasheet HTML 11Page - Texas Instruments SLWS132 Datasheet HTML 12Page - Texas Instruments SLWS132 Datasheet HTML 13Page - Texas Instruments SLWS132 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
GRAYCHIP, INC.
- 5 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
The PFIR will also, if desired, convert the complex output data to real. The complex to real conversion also
doubles the output sample rate so that the PFIR decimation is 1 or 2 in the real mode.
The PFIR filter is followed by a gain and output format circuit. The gain circuit allows the user to add an
additional 18 dB of gain in 0.14 dB steps. The output format circuit can also delete every other sample without
filtering. Anti-aliasing filtering must have already been performed (in the second stage filter). This is useful to achieve
deeper far-band rejection since the stopband performance of the CIC filter is a function of the decimation that follows
it.
3.3.1
The Numerically Controlled Oscillator (NCO)
The tuning frequency of each down converter is specified as a 32 bit word and the phase offset is specified
as a 16 bit word. The NCOs can be synchronized with NCOs on other chips. This allows multiple down converter
outputs to be coherently combined, each with a unique phase and amplitude. A block diagram of the NCO circuit is
shown in Figure 4.
Figure 4. NCO Circuit
The tuning frequency is set to FREQ according to the formula FREQ = 232F/FCK, where F is the desired
tuning frequency and FCK is the chip’s clock rate. The 16 bit phase offset setting is PHASE = 2
16P/2
π, where P is
the desired phase in radians ranging between 0 and 2
π. Note that a positive tuning frequency is used to
downconvert the signal. A negative tuning frequency can be used to upconvert the negative image of a real signal
(inverting the spectrum).
The NCO’s spur level is reduced to below -92 dBc through the use of phase dithering. The spectrums in
Figure 5 show the NCO spurs for an example tuning frequency before and after dithering has been turned on. Notice
that the spur level decreases from -82 dB to -105 dB.
Figure 5. Example NCO Spurs
32 BITS
15 BITS
32 BITS
FREQUENCY
WORD
SINE/COSINE
OUT
18 MSBs
5 BITS
14 MSBs
DITHER
GENERATOR
PHASE
OFFSET
16 BITS
SINE/COSINE
LOOKUP
TABLE
(a) Before Dithering
(b) After Dithering
-82 dB
-105 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com