Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 45Page - Texas Instruments TMS370 Datasheet HTML 46Page - Texas Instruments TMS370 Datasheet HTML 47Page - Texas Instruments TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC, VCC3 (see Note 1)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, All pins except MC
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current per buffer, IO (VO = 0 to VCC)‡
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ICC current
170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ISS current
– 170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA: L version
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A version
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
T version
– 40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Electrical characteristics are specified with all output buffers loaded with the specified IO current. Exceeding the specified IO current in any buffer
can affect the levels on other buffers.
NOTE 1: Unless otherwise noted, all voltage values are with respect to VSS.
recommended operating conditions (see Note 1)
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 1)
4.5
5
5.5
V
VCC
RAM data retention supply voltage (see Note 2)
3
5.5
V
VCC3
Analog supply voltage (see Note 1)
4.5
5
5.5
V
VSS3
Analog supply ground
– 0.3
0
0.3
V
VIL
Low level input voltage
All pins except MC
VSS
0.8
V
VIL
Low-level input voltage
MC, normal operation
VSS
0.3
V
All pins except MC, XTAL2/CLKIN, and RESET
2
VCC
VIH
High-level input voltage
XTAL2/CLKIN
0.8 VCC
VCC
V
RESET
0.7 VCC
VCC
EEPROM write protect override
11.7
12
13
VMC
MC (mode control) voltage
Microcomputer
VSS
0.3
V
EPROM programming voltage (VPP)
13
13.2
13.5
L version
0
70
TA
Operating free-air temperature
A version
– 40
85
°C
T version
– 40
105
NOTES:
1. Unless otherwise noted, all voltage values are with respect to VSS.
2. RESET must be externally activated when VCC or SYSCLK is out of the recommended operating range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com