Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments TMS370 Datasheet HTML 57Page - Texas Instruments TMS370 Datasheet HTML 58Page - Texas Instruments TMS370 Datasheet HTML 59Page - Texas Instruments TMS370 Datasheet HTML 60Page - Texas Instruments TMS370 Datasheet HTML 61Page - Texas Instruments TMS370 Datasheet HTML 62Page - Texas Instruments TMS370 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 20 is designed to aid the user in referencing a device part number to a mechanical drawing. The table
shows a cross-reference of the device part number to the TMS370 generic package name and the associated
mechanical drawing by drawing number and name.
Table 20. TMS370Cx4x Family Package Type and Mechanical Cross-Reference
PKG TYPE
(mil pin spacing)
TMS370 GENERIC NAME
PKG TYPE NO. AND
MECHANICAL NAME
DEVICE PART NUMBERS
FN – 44 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370C040AFNA
TMS370C040AFNL
TMS370C040AFNT
TMS370C042AFNA
TMS370C042AFNL
TMS370C042AFNT
TMS370C340AFNA
TMS370C340AFNL
TMS370C340AFNT
TMS370C342AFNA
TMS370C342AFNL
TMS370C342AFNT
TMS370C742AFNT
FZ – 44 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370C742AFZT
JD – 40 pin
(100-mil pin spacing)
CERAMIC DUAL-IN-LINE PACKAGE
(CDIP)
JD(R-CDIP-T**) CERAMIC SIDE-BRAZE
DUAL-IN-LINE PACKAGE
SE370C742AJDT
N – 40 pin
(100-mil pin spacing)
PLASTIC DUAL-IN-LINE PACKAGE
(PDIP)
N(R-PDIP-T**) PLASTIC DUAL-IN-LINE
PACKAGE
TMS370C040ANA
TMS370C040ANL
TMS370C040ANT
TMS370C042ANA
TMS370C042ANL
TMS370C042ANT
TMS370C340ANA
TMS370C340ANL
TMS370C340ANT
TMS370C342ANA
TMS370C342ANL
TMS370C342ANT
TMS370C742ANT
JC – 40 pin
(70-mil pin spacing)
CERAMIC SHRINK DUAL-IN-LINE
PACKAGE (CSDIP)
JC(R-CDIP-T40) CERAMIC SIDE-BRAZE
DUAL-IN-LINE PACKAGE
SE370C742AJCT
NJ – 40 pin
(70-mil pin spacing)†
PLASTIC SHRINK DUAL–IN–LINE
PACKAGE (PSDIP)
NJ(R–PDIP–T**) PLASTIC SHRINK
DUAL-IN-LINE PACKAGE
TMS370C040ANJA
TMS370C040ANJL
TMS370C040ANJT
TMS370C042ANJA
TMS370C042ANJL
TMS370C042ANJT
TMS370C340ANJA
TMS370C340ANJL
TMS370C340ANJT
TMS370C342ANJA
TMS370C342ANJL
TMS370C342ANJT
TMS370C742ANJT
† NJ formerly known as N2; the mechanical drawing of the NJ is identical to the N2 package and did not need to be requalified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com