Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 2A module (continued)
The T2A dual-compare mode block diagram is illustrated in Figure 12. The annotations on the diagram identify
the register and the bit(s) in the peripheral frame. For example, the actual address of T2ACTL2.0 is 106Bh,
bit 0, in the T2ACTL2 register.
T2AC.15-0
T2ACTL2.1
T2ACTL3.2
T2ACTL3.1
T2ACTL3.5
T2ACTL3.3
Clock
Source
16-Bit
Counter
16-Bit
16
Compare=
Compare=
Reset
T2AC1
RST ENA
T2A SW
RESET
Edge 1
Select
T2AEDGE1 DET ENA
Output
Enable
Capt/Comp
Register
MSB
LSB
MSB
LSB
T2AEDGE1
OUT ENA
T2AIC1/CR
T2AEDGE1 POLARITY
16-Bit
Compare
MSB
LSB
Register
T2ACC.15-0
T2AC1 INT FLAG
T2ACTL2.0
T2ACTL2.5
T2AC1 INT ENA
T2AC2 INT FLAG
T2ACTL2.6
T2AC2 INT ENA
T2A OVRFL INT FLAG
T2ACTL1.4
T2ACTL1.3
T2A OVRFL INT ENA
T2AEDGE1 INT FLAG
T2ACTL2.2
T2ACTL2.7
T2AEDGE1 INT ENA
T2A PRIORITY
T2AC2 OUT ENA
T2AC1 OUT ENA
T2ACTL3.6
T2AIC2/PWM
T2APC2.7-4
T2APRI.6
T2ACNTR.15-0
T2ACTL1.0
T2ACTL3.4
T2AEDGE1
RST ENA
T2APC2.3-0
T2ACTL3.0
Level 1 Int
Level 2 Int
0
1
Figure 12. Timer 2A: Dual-Compare Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com