Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 1 module (continued)
The TMS370Cx4x device includes a 24-bit WD timer, contained in the T1 module, which can be programmed
as an event counter, pulse accumulator, or interval timer if the WD function is not used. The WD function is to
monitor software and hardware operation and to implement a system reset when the WD counter is not properly
serviced (WD counter overflow or WD counter is re-initialized by an incorrect value). The WD can be configured
as one of three mask options as follows:
D Standard WD configuration (see Figure 8) for ’C742A EPROM and mask-ROM devices:
–
Watchdog mode
–
Ten different WD overflow rates ranging from 6.55 ms to 3.35 s at 5-MHz SYSCLK
–
A WD reset key (WDRST) register is used to clear the watchdog counter (WDCNTR) when a correct
value is written
–
Generates a system reset if an incorrect value is written to the WD reset key or if the counter
overflows
–
A WD overflow flag (WD OVRFL INT FLAG) bit that indicates whether the WD timer initiated a
system reset
–
Non-watchdog mode
–
Watchdog timer can be configured as an event counter, pulse accumulator, or an interval timer
16-Bit
Watchdog Counter
Reset
Prescaler
Clock
Watchdog Reset Key
WD OVRFL
TAP SEL
WD OVRFL
RST ENA
System Reset
T1CTL1.7
WDRST.7-0
WDCNTR.15-0
T1CTL2.7
T1CTL2.5
WD OVRFL
INT ENA
Interrupt
T1CTL2.6
WD OVRFL
INT FLAG
Figure 8. Standard Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com