Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 1 module (continued)
D Hard watchdog configuration (see Figure 9) for mask-ROM devices only:
–
Eight different WD overflow rates ranging from 26.2 ms to 3.35 s at 5-MHz SYSCLK
–
A WD reset key (WDRST) register is used to clear the watchdog counter (WDCNTR) when a correct
value is written.
–
Generates a system reset if an incorrect value is written to the WDRST or if the counter overflows
–
A WD overflow flag (WD OVRFL INT FLAG) bit that indicates whether the WD timer initiated a system
reset
–
Automatic activation of the WD timer upon power-up reset
–
INT1 is enabled as a nonmaskable interrupt during low power modes.
16-Bit
Watchdog Counter
Reset
Prescaler
Clock
Watchdog Reset Key
WD OVRFL
TAP SEL
System Reset
T1CTL1.7
WDRST.7-0
WDCNTR.15-0
T1CTL2.5
WD OVRFL
INT FLAG
Figure 9. Hard Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com