Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 23Page - Texas Instruments TMS370 Datasheet HTML 24Page - Texas Instruments TMS370 Datasheet HTML 25Page - Texas Instruments TMS370 Datasheet HTML 26Page - Texas Instruments TMS370 Datasheet HTML 27Page - Texas Instruments TMS370 Datasheet HTML 28Page - Texas Instruments TMS370 Datasheet HTML 29Page - Texas Instruments TMS370 Datasheet HTML 30Page - Texas Instruments TMS370 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 2A module
The 16-bit general-purpose timer 2A (T2A) module is composed of a 16-bit resettable counter, 16-bit compare
register with associated compare logic, 16-bit capture register, and a 16-bit register that functions as a capture
register in one mode and as a compare register in the other mode. The T2A module adds an additional timer
that provides an event count, input capture, and compare function. The T2A module includes three external
device pins that can be dedicated as timer functions or used as general-purpose I/O pins. The T2A module is
shown in Figure 11.
16–Bit
Register
16
INT
Logic
Capt/Comp
16–Bit
Capture
Edge
Detect
T2AEVT
PWM
Toggle
T2AIC2/PWM
(Dual-Compare Mode)
Edge
Detect
T2AIC1/CR
T2AIC2/PWM
Register
16–Bit
Register
Compare
16–Bit
Counter
Clock
Select
(Dual-Capture Mode)
Figure 11. Timer 2A Module Block Diagram
The T2A module features include the following:
D Three T2A I/O pins:
–
T2AIC1/CR: T2A input-capture 1 / counter-reset input pin, or general-purpose bidirectional I/O pin
–
T2AIC2/PWM: T2A input-capture 2 / pulse-width-modulation (PWM) output pin, or general-purpose
bidirectional I/O pin
–
T2AEVT: Timer 2A event-input pin, or general-purpose bidirectional I/O pin
D Two operational modes:
–
Dual-compare mode: Provides PWM signal
–
Dual-capture mode: Provides input-capture pin
D One 16-bit general-purpose resettable counter
D One 16-bit compare register with associated compare logic
D One 16-bit capture register with associated capture logic
D One 16-bit capture/compare register, which, depending on the mode of operation, operates as either a
capture or compare register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com