Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments TMS370 Datasheet HTML 57Page - Texas Instruments TMS370 Datasheet HTML 58Page - Texas Instruments TMS370 Datasheet HTML 59Page - Texas Instruments TMS370 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SERIAL COMMUNICATIONS INTERFACE 1 (SCI1) EXTERNAL CLOCK
ISOSYNCHRONOUS MODE I/O TIMING
SCI1 isosynchronous mode timing characteristics and requirements for external clock
(see Note 10 and Figure 22)
NO.
PARAMETER
MIN
MAX
UNIT
31
tc(SCC)
Cycle time, SCICLK
10tc
ns
32
tw(SCCL)
Pulse duration, SCICLK low
4.25tc + 120
ns
33
tw(SCCH)
Pulse duration, SCICLK high
tc + 120
ns
34
td(SCCL-TXDV)
Delay time, SCITXD valid after SCICLK low
4.25tc + 145
ns
35
tv(SCCH-TXD)
Valid time, SCITXD data after SCICLK high
tw(SCCH)
ns
36
tsu(RXD-SCCH)
Setup time, SCIRXD to SCICLK high
40
ns
37
tv(SCCH-RXD)
Valid time, SCIRXD data after SCICLK high
2tc
ns
NOTE 10: tc = system-clock cycle time = 1/SYSCLK.
SCICLK
SCITXD
SCIRXD
Data Valid
Data Valid
32
33
31
34
35
36
37
Figure 22. SCI1 Isosynchronous Mode Timing Diagram for External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com