Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer 1 module
The programmable Timer 1 (T1) module of the TMS370Cx4x provides the designer with the enhanced timer
resources required to perform real-time system control. The T1 module contains the general-purpose timer and
the watchdog (WD) timer. The two independent 16-bit timers, T1 and WD, allow program selection of input clock
sources (real-time, external event, or pulse accumulate) with multiple 16-bit registers (input capture and
compare) for special timer function control. The T1 module includes three external device pins that can be used
for multiple counter functions (operation-mode dependent), or used as general-purpose I/O pins. The T1
module block diagram is shown in Figure 5.
T1IC/CR
Edge
Select
16-Bit
Counter
T1EVT
MUX
MUX
16-Bit
Register
T1PWM
PWM
Toggle
16
16-Bit
Watchdog Counter
(Aux. Timer)
Interrupt
Logic
Capt/Comp
16-Bit
Register
Compare
Interrupt
Logic
8-Bit
Prescaler
Figure 5. Timer 1 Block Diagram
D Three T1 I/O pins
–
T1IC/CR: T1 input capture / counter-reset input pin, or general-purpose bidirectional I/O pin
–
T1PWM: T1 pulse-width-modulation (PWM) output pin, or general-purpose bidirectional I/O pin
–
T1EVT: T1 event input pin, or general-purpose bidirectional I/O pin
D Two operational modes:
–
Dual-compare mode: Provides PWM signal
–
Capture/compare mode: Provides input capture pin
D One 16-bit general-purpose resettable counter
D One 16-bit compare register with associated compare logic
D One 16-bit capture/compare register, which, depending on the mode of operation, operates as either a
capture or compare register.
D One 16-bit WD counter can be used as an event counter, a pulse accumulator, or an interval timer if WD
feature is not needed.
D Prescaler/clock sources that determine one of eight clock sources for general-purpose timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com