Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
timing parameter symbology
Timing parameter symbols have been created in accordance with JEDEC Standard 100. In order to shorten the
symbols, some of the pin names and other related terminology have been abbreviated as follows:
A
Address
R
Read
AR
Array
RXD
SCIRXD
B
Byte
SC
SYSCLK
CI
XTAL2/CLKIN
SCC
SCICLK
D
Data
TXD
SCITXD
PGM
Program
W
Write
Lowercase subscripts and their meanings are:
c
cycle time (period)
r
rise time
d
delay time
su
setup time
f
fall time
v
valid time
h
hold time
w
pulse duration (width)
The following additional letters are used with these meanings:
H
High
V
Valid
L
Low
Z
High Impedance
All timings are measured between high and low measurement points as indicated in the figures below.
General Measurement Points
XTAL2/CLKIN Measurement Points
0.8 V (Low)
2 V (High)
0.8 V (Low)
0.8 VCC V (High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com