| Electronic Components Datasheet Search |
|
MS400 Datasheet(PDF) 46 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
MS400 Datasheet(HTML) 46 Page - Extech Instruments Corporation. |
|
46 / 51 page ![]() MS400 Version 2.0 – December 2007 46 Troubleshooting 1. The oscilloscope will not Power ON The battery may need recharging. The oscilloscope will not start even if it is powered by the battery charger. First, charge the battery completely and then supply the oscilloscope with power through the battery charger. However, do not switch on the oscilloscope’s power for fifteen minutes. If the oscilloscope still will not start, please contact Extech Instruments. 2. The oscilloscope shuts OFF after operating for only several seconds The battery may need recharging. Check the battery symbol at the upper right of the screen. The symbol indicates that the battery has run out of power and must be charged. 3. The measurement displays ERR when in the multimeter mode Make sure the instrument is switched to the measuring mode. Depress any of the three keys V, A or R. The relative measuring mode will then be shown on the screen. If ERR is still displayed, restart the meter. 4. The measured voltage amplitude value is 10 times larger or smaller while in the oscilloscope mode Check whether the channel attenuation factor matches the actual probe ratio. 5. In the Oscilloscope mode, the Waveform is displayed but is not stable Check whether the setting in the trigger mode menu matches the signal channel indicated. Check the trigger mode: The edge trigger mode is applicable to normal waveforms and the video trigger mode is applicable to video signals. Only when the proper trigger mode is applied can the Waveform stabilize. Change the trigger coupling to HF repression and LF repression in order to filter the HF or LF noise. 6. There is no display on the screen when the RUN/STOP key is pressed while in the oscilloscope mode Check whether the trigger mode in the trigger mode menu is in the Normal or the Single-Shot mode and whether the trigger level is out of the Waveform range. In such a condition, adjust the middle trigger level or select the non-auto trigger mode. Additionally, press the AUTO SET key. 7. The display speed is unusually slow when attempting to select the average sampling in the sampling mode or while selecting a longer display time in the display mode for the oscilloscope This is normal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |