Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 47 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 47 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 43Page - Extech Instruments Corporation. MS400 Datasheet HTML 44Page - Extech Instruments Corporation. MS400 Datasheet HTML 45Page - Extech Instruments Corporation. MS400 Datasheet HTML 46Page - Extech Instruments Corporation. MS400 Datasheet HTML 47Page - Extech Instruments Corporation. MS400 Datasheet HTML 48Page - Extech Instruments Corporation. MS400 Datasheet HTML 49Page - Extech Instruments Corporation. MS400 Datasheet HTML 50Page - Extech Instruments Corporation. MS400 Datasheet HTML 51Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
MS400 Version 2.0 – December 2007
47
Appendix
Appendix A: Specifications
Oscilloscope
All technical specifications are applicable with the probe set to the 10X attenuation switch
setting (unless otherwise noted). In order for the instrument to maintain these specifications
the oscilloscope should meet the following requirements:
■ The instrument should operate continuously for more than 30 minutes under specified
operating environmental temperatures.
■ If the variation in ambient temperature is equal to or greater than 5 degrees Celsius,
open the system function menu and perform a “self- calibration”
Sampling:
Sampling modes
Normal sampling
Peak detection
Average value
Sampling rate
100 MS/s
Input:
Input coupling
DC, AC
Input impedance
1MΩ ±2% connected in parallel with 20pF ±3pF
Probe attenuation coefficient
1X, 10X, 100X, 1000X
Max. Input voltage
400V (peak)
Channel delay time (typical)
150ps
Horizontal:
Sampling rate range
10S/s 100MS/s
Waveform interpolation
(sin x)/x
Record length
6K points on each channel
Scanning speed range (S/div)
5ns/div 5s/div, stepping in the “1-2.5-5” mode
Sampling rate and relay time
accuracy
±100ppm(any time interval which is equal to or larger
than 1ms)
Time interval
( T)measurement
accuracy(full bandwidth)
Single: ±(1 sampling interval
time+100ppm×reading+0.6ns)
>average 16 : ±(1 sampling interval time
+100ppm×reading+0.4ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com