Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 41 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 41 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 37Page - Extech Instruments Corporation. MS400 Datasheet HTML 38Page - Extech Instruments Corporation. MS400 Datasheet HTML 39Page - Extech Instruments Corporation. MS400 Datasheet HTML 40Page - Extech Instruments Corporation. MS400 Datasheet HTML 41Page - Extech Instruments Corporation. MS400 Datasheet HTML 42Page - Extech Instruments Corporation. MS400 Datasheet HTML 43Page - Extech Instruments Corporation. MS400 Datasheet HTML 44Page - Extech Instruments Corporation. MS400 Datasheet HTML 45Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
MS400 Version 2.0 – December 2007
41
To measure the frequency of CH1 with Measurement 1 and the frequency of CH2 with
Measurement 2
, perform the following:
1. Press the MENU key; the function menu will be shown at the right of the screen.
2. Press the MENU UP or MENU DOWN key to select MEAS SET1. Five options
appear at the bottom of the screen.
3. Press the F1 key to select the frequency measurement as CH1. The
measurement window 1 on the screen turns red in color and shows the frequency
of CH1.
4. Press the MENU UP or MENU DOWN key to select MEAS SET2. Five options
appear at the bottom of the screen.
5. Press the F4 key to jump to the peak-to-peak measurement symbolized as CH2.
The measurement window on the screen turns blue in color and shows the peak-
to-peak value of CH2.
The user can view a screen that looks similar to the following Figure 44.
Figure 44: Automatic Measurements
Cursor Measurements
This oscilloscope allows the user to make manual cursor measurements of time and
voltage. The signal sources include Channel 1 (CH1), Channel 2 (CH2), MATH,
storage Address A and storage Address B.
The cursor measurement menus are listed and described in the following table:
Function
menus
Settings
Description
Type
Close
Voltage
Time
Closes the cursor measurement
Displays the voltage cursor and menu
Displays the time cursor and menu
Signal
sources
CH1, CH2, ATH,
address A and
address B.
Selects the Waveform channel on which the
cursor measurement will be performed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com