Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 37 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 37 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 33Page - Extech Instruments Corporation. MS400 Datasheet HTML 34Page - Extech Instruments Corporation. MS400 Datasheet HTML 35Page - Extech Instruments Corporation. MS400 Datasheet HTML 36Page - Extech Instruments Corporation. MS400 Datasheet HTML 37Page - Extech Instruments Corporation. MS400 Datasheet HTML 38Page - Extech Instruments Corporation. MS400 Datasheet HTML 39Page - Extech Instruments Corporation. MS400 Datasheet HTML 40Page - Extech Instruments Corporation. MS400 Datasheet HTML 41Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
MS400 Version 2.0 – December 2007
37
Term Glossary
Trigger modes
: There are three kinds of trigger modes available for this oscilloscope-
auto, normal and single shot.
Automatic trigger mode:
In this mode, the oscilloscope can acquire a Waveform
without any triggering condition detected. It will be triggered automatically after waiting a
specified period of time. When an invalid trigger is sensed the oscilloscope cannot keep
the Waveform in phase.
Normal trigger mode:
In this mode the oscilloscope cannot acquire the Waveform until it
is triggered. If there is no trigger, the oscilloscope will display the original Waveform
without new Waveforms being captured and/or displayed.
Single shot mode:
In this mode the oscilloscope will detect a trigger and capture a
Waveform each time the operator presses the RUN/STOP key.
Acquiring Mode Settings
The Acquiring Mode menu is described in the table shown below:
Function
menu
Settings
Description
Sampling
Normal sampling mode.
Peak Detection
Used to detect a glitch.
Average Value
Used to reduce random and unrelated noise.
Several average factors are available.
Average Factor
4, 16, 64
or 128
Select the average factor.
Display Settings
The Display Setting menu is described in the following table:
Function
menu
Settings
Description
Type
Vector
Dot
The vector fills the spaces between neighboring
sampling points to form a line on the display.
Only the sample points are displayed.
Persistence
Close
1s
2s
5s
Infinite
Set ‘Persistence’ time for each sampling point.
Display format
YT
XY
Displays the relative relationship between vertical
voltage and horizontal time.
Display CH1 on the horizontal axis and CH2 on the
vertical axis.
Communication Bitmap
Vector
The data is transmitted as a bitmap
The data is transmitted as a vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com