Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 28 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 28 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 24Page - Extech Instruments Corporation. MS400 Datasheet HTML 25Page - Extech Instruments Corporation. MS400 Datasheet HTML 26Page - Extech Instruments Corporation. MS400 Datasheet HTML 27Page - Extech Instruments Corporation. MS400 Datasheet HTML 28Page - Extech Instruments Corporation. MS400 Datasheet HTML 29Page - Extech Instruments Corporation. MS400 Datasheet HTML 30Page - Extech Instruments Corporation. MS400 Datasheet HTML 31Page - Extech Instruments Corporation. MS400 Datasheet HTML 32Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
MS400 Version 2.0 – December 2007
28
Making a DC Current Measurement
To measure DC current less than 400 mA:
1. Press the A key and DCA appears at the top
of the screen. The units on the main reading
screen are mA and 20A, press F4 or F5 to
switch the measurement between mA and
20A
.
2. Insert the black lead into the COM banana
jack input and the red lead into the mA
banana jack input.
3. Connect the red and black test leads in
series to the measurement points and the
DC current value will be displayed on the
screen.
Figure 27: DC Current Measurement.
To measure DC current larger than 400mA:
1. Press the A key and DCA appears at the
top of the screen. The units on the main
reading screen will be mA.
2. Press F5 to change to the 20A
measurement mode, the units on the main
reading screen will be A.
3. Plug the 20A current shunt into the current
measure jack, and then plug the probe in
the module.
4. Connect the red and black test leads in
series to the measurement points and the
DC current value will be displayed on the
screen.
5. Press F4 to return to the 400mA
measurement mode.
Figure 28: DC Current Measurement.
Making an AC Current Measurement
To measure AC current less than 400mA:
1. Press the A key and DCA appears at the top
of the screen. The units on the main reading
screen are mA and 20A, press F4 or F5 to
switch the measurement between mA and
20A
.
2. Press the AUTO SET key once and ACA will
be visible at the top of the screen.
3. Insert the black lead into the COM banana
jack input and the red lead into the mA
banana jack input.
4. Connect the red and black test leads to the
measurement point and the AC current value
will be displayed on the screen.
Figure 29: AC Current Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com