Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 27 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 27 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 23Page - Extech Instruments Corporation. MS400 Datasheet HTML 24Page - Extech Instruments Corporation. MS400 Datasheet HTML 25Page - Extech Instruments Corporation. MS400 Datasheet HTML 26Page - Extech Instruments Corporation. MS400 Datasheet HTML 27Page - Extech Instruments Corporation. MS400 Datasheet HTML 28Page - Extech Instruments Corporation. MS400 Datasheet HTML 29Page - Extech Instruments Corporation. MS400 Datasheet HTML 30Page - Extech Instruments Corporation. MS400 Datasheet HTML 31Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
MS400 Version 2.0 – December 2007
27
Making a Capacitance Measurement
To measure a capacitance:
1
. Press the R key and R appears on the top of
the screen
2. Press the AUTO SET key till C appears at the
top of the screen.
3. Insert the capacitor into the square jack and the
screen will show the capacitance reading.
Note:
When the measured value is less than 5nF,
use the low capacitance mode of the multimeter
and the relative value measuring mode to
improve measurement precision. If the
capacitance measurement is larger than 40uF
the calculation will take about thirty seconds.
Figure 24: Capacitance Measurement
Making a DC Voltage Measurement
To measure a DC voltage, do the following:
1. Press the V key and DCV appears at the top of
the screen.
2. Insert the black lead into the COM banana jack
input and the red lead into the V/Ω banana jack
input.
3. Connect the red and black test leads to the
measurement points and the measured voltage
value will display on the screen.
Figure 25: DC Voltage Measurement
Making a AC Voltage Measurement
To measure AC voltage:
1. Press the V key and DCV appears at the top
of the screen.
2. Press the AUTO SET key and ACV appears at
the top of the screen.
3. Insert the black lead into the COM banana
jack input and the red lead into the V/Ω
banana jack input.
4. Connect the red and black test leads to the
measurement points and the AC voltage value
will be displayed on the screen.
Figure 26: AC Voltage Measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com