Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 6Page - Extech Instruments Corporation. MS400 Datasheet HTML 7Page - Extech Instruments Corporation. MS400 Datasheet HTML 8Page - Extech Instruments Corporation. MS400 Datasheet HTML 9Page - Extech Instruments Corporation. MS400 Datasheet HTML 10Page - Extech Instruments Corporation. MS400 Datasheet HTML 11Page - Extech Instruments Corporation. MS400 Datasheet HTML 12Page - Extech Instruments Corporation. MS400 Datasheet HTML 13Page - Extech Instruments Corporation. MS400 Datasheet HTML 14Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
MS400 Version 2.0 – December 2007
10
Using the four keys OSC LEFT, OSC RIGHT, OSC UP and OSC DOWN, users
can make the following settings by pressing OSC OPTION. The settings include:
Voltage Unit Scale for Channel 1 (CH1 VOL); Voltage Unit Scale for Channel 2
(CH2 VOL); Primary Time base (TIME BASE), zero point position for Channel 1
(CH1 ZERO), zero point position for Channel 2 (CH2 ZERO), trigger horizontal
position (TIME) and trigger level position (TRIG).
When performing Waveform Calculations, users can also adjust and calculate the
Display Multiplying Factor of a Waveform (CHM VOL) and the vertical display
position (CHM ZERO).
In cursor measurement mode, users can adjust the positions of Cursor 1 (V1 or
T1) and Cursor 2 (V2 or T2).
12. OSC DOWN: Oscilloscope display downward adjustment key.
13. OSC UP: Oscilloscope display upward adjustment key.
14. OSC/DMM: Press to switch between oscilloscope and multimeter.
15. AUTO SET:
In the Multimeter Mode, when performing a current or voltage measurement, the
user can switch between AC and DC with this key; when performing a resistance
measurement, the user can select resistance, diode, On/Off or a capacitance
measurement with this key.
This key is used for auto setting in the oscilloscope operation mode.
16. RUN/STOP: key for starting or stopping an operation.
17. MENU DOWN: Move down the menu list.
18. MENU: Show / Hide the menu.
19. MENU UP: Move up the menu list.
20. F1~F5: Switch or Adjustment options for each menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com