Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 35 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 35 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 31Page - Extech Instruments Corporation. MS400 Datasheet HTML 32Page - Extech Instruments Corporation. MS400 Datasheet HTML 33Page - Extech Instruments Corporation. MS400 Datasheet HTML 34Page - Extech Instruments Corporation. MS400 Datasheet HTML 35Page - Extech Instruments Corporation. MS400 Datasheet HTML 36Page - Extech Instruments Corporation. MS400 Datasheet HTML 37Page - Extech Instruments Corporation. MS400 Datasheet HTML 38Page - Extech Instruments Corporation. MS400 Datasheet HTML 39Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
MS400 Version 2.0 – December 2007
35
Figure 38: Edge Trigger
Triggering Control
There are two triggering modes: Edge and Video. Each trigger mode is set by menu
functions:
Edge triggering
occurs when the trigger input passes through a given level in the
specified direction.
Video triggering:
Perform video field trigger or line trigger on standard video signals.
The following describes the Edge and Video triggering menus respectively.
Edge Triggering
With Edge triggering selected, the trigger occurs on the rising or falling edge of the
input signal, if the triggering threshold is met.
The Edge triggering menu:
Function
menu
Settings
Description
Slope
Rise
Fall
Triggering on the rising edge of the signal.
Triggering on the falling edge of the signal.
Signal
source
CH1
CH2
CH1 is used as the trigger source.
CH2 is used as the trigger source.
Trigger
mode
Auto
Normal
Single Shot
Acquisition of waveforms is possible even if there is
no triggering condition detected.
Acquisition of waveforms can only be performed
when the triggering condition is satisfied.
The sampling is performed on a waveform when one
trigger is detected, then sampling ceases.
Coupling
AC
DC
HF
suppression
LF
suppression
With this mode selected, the DC component is
prevented from passing-through.
All dc components are allowed to pass.
The HF part of the signal is prohibited and only the LF
component is allowed.
The LF part of the signal is prohibited and only the HF
component is allowed to pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com