Electronic Components Datasheet Search
  English  ▼

X  

MS400 Datasheet(PDF) 17 Page - Extech Instruments Corporation.

Part # MS400
Description  Handheld Digital Storage Oscilloscope & Multimeter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS400 Datasheet(HTML) 17 Page - Extech Instruments Corporation.

Back Button MS400 Datasheet HTML 13Page - Extech Instruments Corporation. MS400 Datasheet HTML 14Page - Extech Instruments Corporation. MS400 Datasheet HTML 15Page - Extech Instruments Corporation. MS400 Datasheet HTML 16Page - Extech Instruments Corporation. MS400 Datasheet HTML 17Page - Extech Instruments Corporation. MS400 Datasheet HTML 18Page - Extech Instruments Corporation. MS400 Datasheet HTML 19Page - Extech Instruments Corporation. MS400 Datasheet HTML 20Page - Extech Instruments Corporation. MS400 Datasheet HTML 21Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
MS400 Version 2.0 – December 2007
17
Term Glossary
Vertical scale factor
is the voltage amplitude represented by a division in the vertical
direction of the display area. The user can amplify or attenuate the signal with this
scale factor and thus regulate the signal amplitude for the expected range.
Vertical zero position
is referred to as the grounding data point through the
adjustment of which one can regulate the display position of the waveform on the
screen.
Primary time base
refers to the time values represented by a division in the
horizontal direction of the display area.
Trigger horizontal position
is the time deviation between the actual trigger point
and the screen central line which will be displayed as 0 at the center point of the
screen.
Trigger level position
represents the voltage deviation between the actual trigger
level and the zero position of the triggering signal source channel.
Resetting the Oscilloscope
To reset the Oscilloscope to the factory default settings:
1. Press the MENU key. The function menu appears on the right side of the screen
2. Press the MENU UP or MENU DOWN key to select FUNCTION. Three options
will be visible at the bottom of the screen.
3. Press F1 to select Factory Settings. The oscilloscope will revert to the factory
settings.
Figure 11: Reset the Oscilloscope
Input Connections (fig. 2)
Examine the bottom and the right side of the Oscilloscope. The Oscilloscope has seven
signal inputs: two safety BNC jack inputs (CH1 and CH2) for scope measurements, three
safety 4-mm banana jack inputs for Multimeter R, V and A measurements, and two
square jack inputs for Multimeter capacitance measurements.
Isolated inputs allow independent floating measurements between Multimeter and Scope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com